Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFEV710 Datasheet (PDF) - NXP Semiconductors

MFEV710 Datasheet PDF - NXP Semiconductors
Part # MFEV710
Download  MFEV710 Download
File Size   110.21 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Pegoda EV710 SAM support in standard or x-mode

MFEV710 Datasheet (PDF)

Go To PDF Page Download Datasheet
MFEV710 Datasheet PDF - NXP Semiconductors

Part # MFEV710
Download  MFEV710 Click to download

File Size   110.21 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Pegoda EV710 SAM support in standard or x-mode

MFEV710 Datasheet (HTML) - NXP Semiconductors


MFEV710 Product details

General description
The new Pegoda is NXP’s latest generation of reference designs for secure MIFARE applications. Built around proven, well-established MIFARE solutions and powerful ARM Cortex-M3 processors, these design in kits are available in two evaluation kits: the MFEV710 and the MFEV852.
The MFEV710 design in kit includes the MFRD710 contactless smartcard reader, a design based on the MFRC523 contactless reader IC. The kit supports the entire MIFARE portfolio: MIFARE Classic, MIFARE DESFire, MIFARE Plus, and MIFARE Ultralight C, including SAM AV2 (in x- and non-x modes). The kits also offer full support of MIFARE discover, with a reader library for all the MIFARE card products.

Features and benefits
Features
■ Multiprotocol ISO/IEC 14443 and MIFARE operation
■ PC/SC-based architecture on widely deployed hardware solutions
■ Full support for entire MIFARE card portfolio and MIFAREdiscover
■ SAM support in standard or x-mode
■ ARM Cortex-M3 microcontroller with integrated flash memory
■ Firmware in source code and binaries
■ USB host interface to PC and Windows-based user interface
■ Optional support for RS232, RS485, JTAG, Ethernet

Benefits
■ Fast, flexible development of SAM-based, secure reader systems
■ Quick embedded development with portable code
■ Easy customization with flash-based microcontroller
■ Custom firmware and JTAG debugging with optional hardware extension board

Applications
■ Public transportation
■ Access management
■ PC peripheral terminal




Similar Part No. - MFEV710

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFEV730 NXP-MFEV730 Datasheet
3Mb / 36P
PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
Rev. 3.0 - 6 July 2023
MFEV730 NXP-MFEV730 Datasheet
3Mb / 35P
Pegoda Smart Card Reader based on PN7642
Rev. 3.1 - 31 August 2023
MFEV730 NXP-MFEV730 Datasheet
3Mb / 37P
Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
More results


Similar Description - MFEV710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6550A INTERSIL-ISL6550A Datasheet
287Kb / 11P
SAM Supervisor And Monitor
January 18, 2005
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
logo
Austin Semiconductor
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
logo
NXP Semiconductors
P5DF081 NXP-P5DF081 Datasheet
240Kb / 36P
MIFARE SAM AV2
Rev. 1-12 August 2010
logo
AAEON Technology
OMNI-3155HTT-BT-A1-1010 AAEON-OMNI-3155HTT-BT-A1-1010 Datasheet
197Kb / 2P
P-CAP or Resistive Touch Support
logo
PHOENIX CONTACT
2692717 PHOENIX-2692717 Datasheet
73Kb / 4P
Optional use of the IO-Link ports in SIO mode as standard inputs or standard outputs
2700000 PHOENIX-2700000 Datasheet
43Kb / 2P
Software - Standard support subscription
logo
Tripp Lite. All Rights ...
SRLCEILINGKIT TRIPPLITE-SRLCEILINGKIT Datasheet
162Kb / 2P
Ceiling Support Kit for 12 in. or 18 in. Cable Runway, Straight and 90-Degree
logo
C&K Components
CCM01-6101 CK-COMPONENTS-CCM01-6101 Datasheet
168Kb / 3P
Available in standard or reverse card
2008
logo
NXP Semiconductors
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
PEGODA Contactless Smart Card Reader
Revision 2.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com