Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1PLUS6001DUD03 Datasheet (PDF) - NXP Semiconductors

MF1PLUS6001DUD03 Datasheet PDF - NXP Semiconductors
Part # MF1PLUS6001DUD03
Download  MF1PLUS6001DUD03 Download
File Size   163.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mainstream contactless smart card IC for fast and easy solution development

MF1PLUS6001DUD03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MF1PLUS6001DUD03 Datasheet PDF - NXP Semiconductors

Part # MF1PLUS6001DUD03
Download  MF1PLUS6001DUD03 Click to download

File Size   163.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mainstream contactless smart card IC for fast and easy solution development

MF1PLUS6001DUD03 Datasheet (HTML) - NXP Semiconductors


MF1PLUS6001DUD03 Product details

General description

Migrate classic contactless smart card systems to the next security level! MIFARE Plus brings benchmark security to mainstream contactless smart card applications. It is the only mainstream IC compatible with MIFARE Classic 1K (MF1ICS50) and MIFARE Classic 4K (MF1ICS70) which offers an upgrade path for existing infrastructure and services.



Features and benefits

 2 kB or 4 kB EEPROM

 Simple fixed memory structure compatible with MIFARE Classic 1K and MIFARE Classic 4K

 Memory structure identical to MIFARE Classic 4K (sectors, blocks)

 Access conditions freely configurable

 Supports ISO/IEC 14443-31 UIDs (4-byte UID, 4 Byte NUID, 7-byte UID), optional support of random IDs

 Multi-sector authentication, Multi-block read and write

 AES-128 used for authenticity, confidentiality and integrity

 Anti-tearing mechanism for writing AES keys

 Keys can be stored as MIFARE CRYPTO1 keys (2 ×48-bit per sector) and as AES keys (2 ×128-bit per sector)

 Full support of virtual card concept

 Proximity check

 Communication speed up to 848 kbit/s

 Number of single write operations: 200000 cycles (typical)

 Common Criteria Certification: EAL4+



Applications

 Public transportation

 Access management such as employee, school or campus cards

 Electronic toll collection

 Closed loop micro payment

 Car parking

 Internet cafés

 Loyalty programs




Similar Part No. - MF1PLUS6001DUD03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1P2101DA4/02 NXP-MF1P2101DA4/02 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DA6/02 NXP-MF1P2101DA6/02 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUD/02 NXP-MF1P2101DUD/02 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUF/02 NXP-MF1P2101DUF/02 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2131DA4/02 NXP-MF1P2131DA4/02 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
More results


Similar Description - MF1PLUS6001DUD03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
PEGODA Contactless Smart Card Reader
November 2004
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
Class 1 Terminal for Contact and Contactless Smart Cards:
logo
NXP Semiconductors
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
PEGODA Contactless Smart Card Reader
Revision 2.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com