Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC6514B Datasheet (PDF) - Sanyo Semicon Device

LC6514B Datasheet PDF - Sanyo Semicon Device
Part # LC6514B
Download  LC6514B Download
File Size   461.65 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SINGLE-CHIP 4-BIT MICROCOMPUTER (LOW-THRESHOLD INPUT, ON-CHIP FLT DRIVER)

LC6514B Datasheet (PDF)

Go To PDF Page Download Datasheet
LC6514B Datasheet PDF - Sanyo Semicon Device

Part # LC6514B
Download  LC6514B Click to download

File Size   461.65 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SINGLE-CHIP 4-BIT MICROCOMPUTER (LOW-THRESHOLD INPUT, ON-CHIP FLT DRIVER)

LC6514B Datasheet (HTML) - Sanyo Semicon Device


LC6514B Product details

Overview
The LC6514B is a microcontroller with FLT drivers. It is identical with the LC6510C in the internal architecture and instruction set. Since the normal/low-threshold level of input port A can be selected by option and the on-chip pulldown resistor can be bitwise connected to the FLT driver by option, the number of external parts used in the user equipment can be minimized, reducing the cost considerably.

Features
• Low power dissipation.
• ROM capacity : 4096×8 bits.
• RAM capacity : 256×4 bits.
• Subroutine stack : 8 levels (common with interrupt).
• On-chip OSC circuit
    CR OSC : 800kHz typ.
    Ceramic OSC : 400kHz, 800kHz, 1000kHz
    External iuput : 1290kHz max.
• Power-down by 2 standby modes
    HALT mode : Power dissipation saving by program stadby during normal operation
    HOLD mode : Power supply backup during power failure.
• Input/output ports
    Input : 4 bits × 1 port
               3 bits × 1 port
    Input/output : 4 bits × 2 ports
    Output : 4 bits × 4 ports
                  2 bits × 1 port
• Interrupt.
    External interrupt : 1
    Internal timer interrupt : 1
• On-chip 4-bit prescaler and 8-bit program timer.
• Instruction cycle time : 3.1µs (at 1290kHz)
• Supply voltage
    Normal operation : 4.0 to 6.0 V
    Memory hold : 1.8 to 6.0 V
• Instruction set common to the LC6502, LC6505 (BANK instruction added)




Similar Part No. - LC6514B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651431F SANYO-LC651431F Datasheet
374Kb / 39P
Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651431L SANYO-LC651431L Datasheet
374Kb / 39P
Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651431N SANYO-LC651431N Datasheet
374Kb / 39P
Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432F SANYO-LC651432F Datasheet
374Kb / 39P
Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432L SANYO-LC651432L Datasheet
374Kb / 39P
Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Similar Description - LC6514B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC6512A SANYO-LC6512A Datasheet
617Kb / 23P
SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS(LOW-THRESHOLD INPUT, ON-CHIP FLT DRIVER)
logo
Sharp Corporation
SK5L1 SHARP-SK5L1 Datasheet
234Kb / 7P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM3905 SHARP-SM3905 Datasheet
215Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM563 SHARP-SM563 Datasheet
196Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM565 SHARP-SM565 Datasheet
222Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM5M2 SHARP-SM5M2 Datasheet
253Kb / 28P
4-Bit Single-Chip Microcomputer(LCD Driver)
logo
Panasonic Semiconductor
MN1455B PANASONIC-MN1455B Datasheet
1Mb / 8P
CMOS 4-Bit Single-Chip Microcomputer with FLT Driver Capability
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com