Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1166 Datasheet (PDF) - Analog Devices

ADM1166 Datasheet PDF - Analog Devices
Part # ADM1166
Download  ADM1166 Download
File Size   515.65 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Margining Control and Nonvolatile Fault Recording

ADM1166 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1166 Datasheet PDF - Analog Devices

Part # ADM1166
Download  ADM1166 Click to download

File Size   515.65 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer with Margining Control and Nonvolatile Fault Recording

ADM1166 Datasheet (HTML) - Analog Devices


ADM1166 Product details

GENERAL DESCRIPTION

The ADM1166 Super Sequencer® is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple-supply systems. In addition to these functions, the ADM1166 integrates a 12-bit ADC and six 8-bit voltage output DACs. These circuits can be used to implement a closed-loop margining system that enables supply adjustment by altering either the feedback node or reference of a dc-to-dc converter using the DAC outputs.



FEATURES

  Complete supervisory and sequencing solution for up to 10 supplies

  16 event deep black box nonvolatile fault recording

  10 supply fault detectors enable supervision of supplies to

     <0.5% accuracy at all voltages at 25°C

     <1.0% accuracy across all voltages and temperatures

  5 selectable input attenuators allow supervision of supplies to

     14.4 V on VH

     6 V on VP1 to VP4 (VPx)

  5 dual-function inputs, VX1 to VX5 (VXx)

     High impedance input to supply fault detector with thresholds between 0.573 V and 1.375 V

     General-purpose logic input

  10 programmable driver outputs, PDO1 to PDO10 (PDOx)

     Open-collector with external pull-up

     Push/pull output, driven to VDDCAP or VPx

     Open collector with weak pull-up to VDDCAP or VPx

     Internally charge-pumped high drive for use with external N-FET (PDO1 to PDO6 only)

  Sequencing engine (SE) implements state machine control of

     PDO outputs

     State changes conditional on input events

     Enables complex control of boards

     Power-up and power-down sequence control

     Fault event handling

     Interrupt generation on warnings

     Watchdog function can be integrated in SE

     Program software control of sequencing through SMBus

  Complete voltage-margining solution for 6 voltage rails

  6 voltage output 8-bit DACs (0.300 V to 1.551 V) allow voltage adjustment via dc-to-dc converter trim/feedback node

  12-bit ADC for readback of all supervised voltages

  2 auxiliary (single-ended) ADC inputs

  Reference input (REFIN) has 2 input options

     Driven directly from 2.048 V (±0.25%) REFOUT pin

     More accurate external reference for improved ADC performance

  Device powered by the highest of VPx, VH for improved redundancy

  User EEPROM: 256 bytes

  Industry-standard 2-wire bus interface (SMBus)

  Guaranteed PDO low with VH, VPx = 1.2 V

  Available in 40-lead, 6 mm × 6 mm LFCSP and 48-lead, 7 mm × 7 mm TQFP packages

  For more information about the ADM1166 register map, refer to the AN-698 Application Note



APPLICATIONS

  Central office systems

  Servers/routers

  Multivoltage system line cards

  DSP/FPGA supply sequencing

  In-circuit testing of margined supplies



 




Similar Part No. - ADM1166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ-REEL AD-ADM1166ACPZ-REEL Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ASUZ AD-ADM1166ASUZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ASUZ-REEL AD-ADM1166ASUZ-REEL Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Similar Description - ADM1166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1062 AD-ADM1062_15 Datasheet
623Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
Cascadable Super Sequencer Margin Control and Fault Recording
8/2018-Rev. 0 to Rev. A
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com