Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1168 Datasheet (PDF) - Analog Devices

ADM1168 Datasheet PDF - Analog Devices
Part # ADM1168
Download  ADM1168 Download
File Size   402.55 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer and Monitor with Nonvolatile Fault Recording

ADM1168 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1168 Datasheet PDF - Analog Devices

Part # ADM1168
Download  ADM1168 Click to download

File Size   402.55 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Super Sequencer and Monitor with Nonvolatile Fault Recording

ADM1168 Datasheet (HTML) - Analog Devices


ADM1168 Product details

GENERAL DESCRIPTION
The ADM1168 Super Sequencer® is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple supply systems.
The device also provides up to eight programmable inputs for monitoring undervoltage faults, overvoltage faults, or out-of-window faults on up to eight supplies. In addition, eight programmable outputs can be used as logic enables. Six of these programmable outputs can also provide up to a 12 V output for driving the gate of an NFET that can be placed in the path of a supply.

FEATURES
   Complete supervisory and sequencing solution for up to
      8 supplies
   16 event deep black box nonvolatile fault recording
   8 supply fault detectors enable supervision of supplies to
      <0.5% accuracy at all voltages at 25°C
      <1.0% accuracy across all voltages and temperatures
   4 selectable input attenuators allow supervision of supplies to
      14.4 V on VH
      6 V on VP1 to VP3 (VPx)
   4 dual-function inputs, VX1 to VX4 (VXx)
      High impedance input to supply fault detector with
         thresholds between 0.573 V and 1.375 V
      General-purpose logic input
   8 programmable driver outputs, PDO1 to PDO8 (PDOx)
      Open-collector with external pull-up
      Push/pull output, driven to VDDCAP or VPx
      Open-collector with weak pull-up to VDDCAP or VPx
      Internally charge-pumped high drive for use with external
         NFET (PDO1 to PDO6 only)
   Sequencing engine (SE) implements state machine control of
      PDO outputs
         State changes conditional on input events
         Enables complex control of boards
         Power-up and power-down sequence control
         Fault event handling
         Interrupt generation on warnings
         Watchdog function can be integrated in SE
         Program software control of sequencing through SMBus
   Device powered by the highest of VPx, VH for improved
      redundancy
   User EEPROM: 256 bytes
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VH, VPx = 1.2 V
   Available in 32-lead, 7 mm × 7 mm LQFP

APPLICATIONS
   Central office systems
   Servers/routers
   Multivoltage system line cards
   DSP/FPGA supply sequencing
   In-circuit testing of margined supplies




Similar Part No. - ADM1168

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ-REEL AD-ADM1166ACPZ-REEL Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ASUZ AD-ADM1166ASUZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results


Similar Description - ADM1168

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
Super Sequencer and Monitor
Rev. D
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
Super Sequencer and Monitor
REV. C
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
Cascadable Super Sequencer Margin Control and Fault Recording
8/2018-Rev. 0 to Rev. A
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com