Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2785 Datasheet (PDF) - Micrel Semiconductor

MIC2785 Datasheet PDF - Micrel Semiconductor
Part # MIC2785
Download  MIC2785 Download
File Size   135.33 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Supply Voltage Monitor with Manual Reset

MIC2785 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2785 Datasheet PDF - Micrel Semiconductor

Part # MIC2785
Download  MIC2785 Click to download

File Size   135.33 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Supply Voltage Monitor with Manual Reset

MIC2785 Datasheet (HTML) - Micrel Semiconductor


MIC2785 Product details

General Description 

The MIC2785 is a micropower voltage monitor that provides under-voltage monitoring and manual reset
capability in a tiny 1.2mm x 1.2mm MLF® package. The MIC2785 provides a monitored voltage input (VIN) separate from the supply input (VDD). This insures that the reset (/RST) output maintains a valid output state when the voltage being monitored ramps up or down. The device also includes a manual reset input (/MR). The /RST output is an active low push-pull output.



Features

• No external components

• Monitors input voltage for under-voltage condition

• Separate inputs for supply (VDD) and monitor (VIN)

• +1.5% VIN threshold voltage accuracy

• Valid /RST state with VIN down to 0.0V

• Valid /RST state with VDD down to 1.20V

• Factory-programmed 1.62V reference

• Manual reset input (/MR)

• Active low RESET (/RST) output

• Ultra-low input current – 5µA total (VIN and VDD)

• Rejects brief input transients

• -25°C to 85°C operating temperature range

• RoHS lead-free compliant

• Available in tiny 6-pin 1.2mm x 1.2mm Thin MLF® package



Applications

• Mobile phones

• PDAs

• GPS receivers




Similar Part No. - MIC2785

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
407Kb / 8P
Dual Supply Voltage Monitor with Manual Reset
MIC2785-16YFT MICREL-MIC2785-16YFT Datasheet
407Kb / 8P
Dual Supply Voltage Monitor with Manual Reset
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
Dual Supply Voltage Monitor with Manual Reset
More results


Similar Description - MIC2785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
Microprocessor Voltage Monitor with Manual Reset
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
Dual Supply Voltage Monitor with Manual Reset
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com