Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC37501 Datasheet (PDF) - Micrel Semiconductor

MIC37501 Datasheet PDF - Micrel Semiconductor
Part # MIC37501
Download  MIC37501 Download
File Size   393.34 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A, Low Voltage 關Cap LDO Regulator

MIC37501 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC37501 Datasheet PDF - Micrel Semiconductor

Part # MIC37501
Download  MIC37501 Click to download

File Size   393.34 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5A, Low Voltage 關Cap LDO Regulator

MIC37501 Datasheet (HTML) - Micrel Semiconductor


MIC37501 Product details

General Description
The MIC37501 and MIC37502 are 5A, low dropout linear voltage regulator that provide low voltage, high current outputs with a minimum of external components. They offer high precision, ultra-low dropout (500mV), and low ground current.

Features
• 5A minimum guaranteed output current
• 500mV maximum dropout voltage
    – Ideal for 3.0V to 2.5V conversion
    – Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
• Wide input voltage range:
    - VIN: 2.3V to 6.0V
• ±1.0% initial output tolerance
• Fixed and adjustable output voltages:
    – MIC37501—7 terminal fixed voltage
    – MIC37502—5 (TO-263) and 7 (SPAK) terminal adjustable voltage
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current-limit protection
• Reverse-leakage protection
• Low profile S-Pak and TO-263 packages

Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger




Similar Part No. - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC37501 MICREL-MIC37501 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.65BR MICREL-MIC37501-1.65BR Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
More results


Similar Description - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com