Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802110 Datasheet (PDF) - Micrel Semiconductor

SM802110 Datasheet PDF - Micrel Semiconductor
Part # SM802110
Download  SM802110 Download
File Size   274.34 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802110 Datasheet PDF - Micrel Semiconductor

Part # SM802110
Download  SM802110 Click to download

File Size   274.34 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802110 Datasheet (HTML) - Micrel Semiconductor


SM802110 Product details

General Description
The SM802110 is a member of the ClockWorks™ family of devices from Micrel and provides an extremely low-noise timing solution for CPRI clock signals. It is based upon a unique patented RotaryWave® architecture that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes an LVPECL output clock at 153.6MHz. The SM802110 accepts a 30.72MHz LVCMOS reference clock.

Features
• Generates an LVPECL clock outputs at 153.6MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 153.6MHz (2MHz to 20MHz): 99fs (typical) at 3.3V
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin 4x4mm QFN

Applications
• CPRI
• OBSAI




Similar Part No. - SM802110

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMGR MICREL-SM802111UMGR Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802112UMG MICREL-SM802112UMG Datasheet
453Kb / 12P
ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
More results


Similar Description - SM802110

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com