Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet (PDF) - Micrel Semiconductor

SM802108 Datasheet PDF - Micrel Semiconductor
Part # SM802108
Download  SM802108 Download
File Size   462.81 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802108 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802108 Datasheet PDF - Micrel Semiconductor

Part # SM802108
Download  SM802108 Click to download

File Size   462.81 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802108 Datasheet (HTML) - Micrel Semiconductor


SM802108 Product details

General Description
The SM802108 is a member of the ClockWorks™ family of devices from Micrel and provides an extremely low-noise timing solution for GbE and 10GbE Ethernet clock signals. It is based upon a unique patented RotaryWave® architecture that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes two LVPECL output clocks at 156.25MHz and another two at 125MHz. The SM802108 accepts a 25 MHz crystal or LVCMOS reference clock.

Features
• Generates two LVPECL clock outputs at 156.25MHz and two LVPECL clock outputs at 125MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 156.25MHz (1.875MHz to 20MHz): 110fs (typical) at 3.3V
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin 4mm × 4mm QFN package

Applications
• 10Gigabit Ethernet
• Gigabit Ethernet




Similar Part No. - SM802108

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Similar Description - SM802108

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com