Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SM802108 Datasheet HTML 1Page - Micrel Semiconductor SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SM802108
January 2011
4
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, VDDOx) ........................................+4.6V
Input Voltage (VIN).............................. –0.50V to VDD + 0.5V
Lead Temperature (soldering, 20sec.)....................... 260°C
Case Temperature ..................................................... 115°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VDD, VDDOx) ................. +2.375V to +3.465V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
(3)
QFN (
θJA)
Still-Air.........................................................50°C/W
QFN (
ψJB)
Junction-to-Board .......................................30°C/W
DC Electrical Characteristics
(4)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD, VDDOx
2.5V Operating Voltage
2.375
2.5
2.625
V
VDD, VDDOx
3.3V Operating Voltage
3.135
3.3
3.465
V
IDD
Supply current VDD + VDDO
Outputs open; REF_IN source,
XTAL_SEL = 0
130
165
mA
IDD
Supply current VDD + VDDO
Outputs open; CRYSTAL source,
XTAL_SEL = 1
145
185
mA
LVPECL DC Electrical Characteristics
(4)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C. RL = 50Ω to VDDO − 2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VDDO – 1.145
VDDO – 0.97
VDDO – 0.845
V
VOL
Output Low Voltage
VDDO – 1.945
VDDO – 1.77
VDDO – 1.645
V
VSWING
Output Voltage Swing
0.6
0.8
1.0
V
Note:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
4.
The circuit is designed to meet the AC and DC specifications shown in the above table(s) after thermal equilibrium has been established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com