Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SM802108 Datasheet HTML 1Page - Micrel Semiconductor SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SM802108
January 2011
5
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
LVCMOS (PLL_BYPASS, XTAL_SEL) DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIN
Input Low Voltage
−0.3
0.8
V
IIH
Input High Current
VDD = VIN = 3.465V
150
μA
IIL
Input Low Current
VDD = 3.465V, VIN = 0V
−5
μA
REF_IN DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±5%, TA = −40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input High Voltage
1.1
VDD + 0.3
V
VIL
Input Low Voltage
−0.3
0.6
V
IIN
Input Current
XTAL_SEL = VIL, VIN = 0V to VDD
−5
5
μA
IIN
Input Current
XTAL_SEL = VIH, VIN = VDD
20
µA
Crystal Characteristics
NDK NX2520SA
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load
Fundamental, Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
3
7
pF
Correlation Drive Level
100
300
uW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com