Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor SM802108 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SM802108
January 2011
6
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 5)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C. RL = 50Ω to VDDO − 2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT1
Output Frequency 1
156.25
MHz
FOUT2
Output Frequency 2
125
Ppm
Output ppm Variation
Crystal reference. Note 6
−50
50
ppm
FREF
Reference Input Frequency
25
MHz
TR/TF
LVPECL Output Rise/Fall Time
20% – 80%
80
175
350
ps
ODC
Output Duty Cycle
48
50
52
%
TSKEW
Output-to-Output Skew
Within bank. Note 7
45
ps
TLOCK
PLL Lock Time
20
ms
Tjit(∅)
RMS Phase Jitter
(8)
156.25MHz
Integration Range (1.875MHz – 20MHz)
Integration Range (12kHz – 20MHz)
125MHz
Integration Range (1.875MHz – 20MHz)
Integration Range (12kHz – 20MHz)
110
250
110
250
fs
Spurious Noise Components
6.25MHz
25MHz
-73
-58
dBc
Notes:
5.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
6.
Crystal tolerance at room less than +/- 15ppm, over temp less than +/- 20ppm.
7.
Defined as skew between outputs at the same supply voltage and with equal load conditions and same frequency; Measured at the output
differential crossing points.
8.
Measured using 25MHz crystal as the input reference source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com