Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SM802108 Datasheet HTML 1Page - Micrel Semiconductor SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM802108
ClockWorks
™ 10GbE & GbE (156.25MHz,
125MHz) Ultra-Low Jitter, LVPECL
Frequency Synthesizer
ClockWorks is a trademark of Micrel, Inc
RotaryWave is a registered trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2011
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM802108 is a member of the ClockWorks
™ family of
devices from Micrel and provides an extremely low-noise
timing solution for GbE and 10GbE Ethernet clock signals.
It is based upon a unique patented RotaryWave
®
architecture that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply
and synthesizes two LVPECL output clocks at 156.25MHz
and another two at 125MHz. The SM802108 accepts a 25
MHz crystal or LVCMOS reference clock.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates two LVPECL clock outputs at 156.25MHz
and two LVPECL clock outputs at 125MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 156.25MHz
(1.875MHz to 20MHz): 110fs (typical) at 3.3V
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin 4mm × 4mm QFN package
Applications
• 10Gigabit Ethernet
• Gigabit Ethernet
___________________________________________________________________________________________________________
Block Diagram


Similar Part No. - SM802108

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Similar Description - SM802108

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802128 MICREL-SM802128 Datasheet
267Kb / 12P
ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com