Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SM802108 Datasheet HTML 1Page - Micrel Semiconductor SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SM802108
January 2011
3
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (Continued)
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
7, 12, 15, 19
TEST
Factory Test Pins, Do not connect anything to these pins.
8
VDD
PWR
Core Power Supply
9
REF_IN
I, (SE)
LVCMOS
Reference Clock Input
10
XIN
I, (SE)
12pF crystal
Crystal Reference Input, no load caps needed.
See Fig. 5.
11
XOUT
O, (SE)
12pF crystal
Crystal Reference Output, no load caps needed.
See Fig. 5.
13, 14
VSS
PWR
Core Power Supply Ground
18
VDDO1
PWR
Power Supply for Output Bank 1
22
VSSO1
PWR
Power Supply Ground for Output Bank 1
Application Information
Input Reference
When operating with a crystal input reference, do not
apply a switching signal to REF_IN.
Crystal Layout
Keep the layers under the crystal as open as possible.
Do not place switching signals or noisy supplies under
the crystal.
Truth Table
PLL_BYPASS
XTAL_SEL
INPUT
OUTPUT
0
PLL
1
XTAL/REF_IN
0
REF_IN
1
XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com