Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802108 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SM802108
Description  ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802108 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SM802108 Datasheet HTML 1Page - Micrel Semiconductor SM802108 Datasheet HTML 2Page - Micrel Semiconductor SM802108 Datasheet HTML 3Page - Micrel Semiconductor SM802108 Datasheet HTML 4Page - Micrel Semiconductor SM802108 Datasheet HTML 5Page - Micrel Semiconductor SM802108 Datasheet HTML 6Page - Micrel Semiconductor SM802108 Datasheet HTML 7Page - Micrel Semiconductor SM802108 Datasheet HTML 8Page - Micrel Semiconductor SM802108 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
SM802108
January 2011
2
M9999-012111-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Marking
Shipping
Junction Temperature Range
Package
SM802108UMG
802108
Tube
–40°C to +85°C
24-Pin QFN
SM802108UMGR
802108
Tape and Reel
–40°C to +85°C
24-Pin QFN
Note:
1. Devices are Green, RoHS, and PFOS compliant.
Pin Configuration
24-Pin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
16, 17
20, 21
/Q0, Q0
/Q1, Q1
O, (DIF)
LVPECL
Differential Clock Outputs from Bank 1
156.25MHz
23, 24
3, 4
/Q2, Q2
/Q3, Q3
O, (DIF)
LVPECL
Differential Clock Outputs from Bank 2
125MHz
1
VDDO2
PWR
Power Supply for Output Bank 2
2
VSSO2
PWR
Power Supply Ground for Output Bank 2
5
PLL_BYPASS
I, (SE)
LVCMOS
PLL Bypass, Selects Output Source
0 = Normal PLL Operation
1 = Output from Input Reference Clock or Crystal
45KΩ pull-down
6
XTAL_SEL
I, (SE)
LVCMOS
Selects PLL Input Reference Source
0 = REF_IN, 1 = XTAL, 45KΩ pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com