Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802101 Datasheet (PDF) - Micrel Semiconductor

SM802101 Datasheet PDF - Micrel Semiconductor
Part # SM802101
Download  SM802101 Download
File Size   558.61 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer

SM802101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802101 Datasheet PDF - Micrel Semiconductor

Part # SM802101
Download  SM802101 Click to download

File Size   558.61 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer

SM802101 Datasheet (HTML) - Micrel Semiconductor


SM802101 Product details

General Description
The SM802101 is a member of the ClockWorks™ family of devices from Micrel and provides an extremely low-noise timing solution for PCI-Express clock signals. It is based upon a unique patented RotaryWave® architecture that provides very-low phase noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes eight HCSL output clocks at 100MHz or 200MHz. The SM802101 accepts a 25MHz crystal or LVCMOS reference clock.

Features
• Generates eight HCSL clock outputs at 100MHz or 200MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 100MHz (1.875MHz to 20MHz): 105fs
• Industrial temperature range (–40°C to +85°C)
• Green, RoHS, and PFOS compliant
• Available in 44-pin 7mm × 7mm QFN package

Applications
• PCI-Express




Similar Part No. - SM802101

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMGR MICREL-SM802104UMGR Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Similar Description - SM802101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 5, 2001
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802109 MICREL-SM802109 Datasheet
403Kb / 11P
ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com