Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802104 Datasheet (PDF) - Micrel Semiconductor

SM802104 Datasheet PDF - Micrel Semiconductor
Part # SM802104
Download  SM802104 Download
File Size   322.78 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802104 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802104 Datasheet PDF - Micrel Semiconductor

Part # SM802104
Download  SM802104 Click to download

File Size   322.78 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer

SM802104 Datasheet (HTML) - Micrel Semiconductor


SM802104 Product details

General Description
The SM802104 is a member of the ClockWorks™ family of devices from Micrel and provides an extremely low-noise timing solution for Fibre Channel clock signals. It is based upon a unique, patented RotaryWave® architecture that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes LVPECL output clocks at 106.25MHz or 212.5MHz. There are normally two clock outputs, but one output can be achieved by powering down the second output with the OE pin. The SM802104 accepts a 26.5625MHz crystal or LVCMOS reference clock.

Features
• Generates one or two LVPECL clock outputs at 106.25MHz or 212.5MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 106.25MHz (637kHz to 10MHz): 200fs
• Industrial temperature range
• Green, RoHS, and PFOS compliant
• Available in 24-pin 4mm × 4mm QFN package

Applications
• Fibre Channel
• Storage Networking (SAN, NAS)




Similar Part No. - SM802104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802105UMG MICREL-SM802105UMG Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results


Similar Description - SM802104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 5, 2001
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 11, 2001
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
106.25MHz Ultra-Low Jitter Clock Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com