Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72136 Datasheet (PDF) - Sanyo Semicon Device

LC72136 Datasheet PDF - Sanyo Semicon Device
Part # LC72136
Download  LC72136 Download
File Size   370.2 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning

LC72136 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72136 Datasheet PDF - Sanyo Semicon Device

Part # LC72136
Download  LC72136 Click to download

File Size   370.2 Kbytes
Page   23 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning

LC72136 Datasheet (HTML) - Sanyo Semicon Device


LC72136 Product details

Overview
The LC72136 and LC72136M are PLL frequency synthesizers for use in radio/cassette players. They allow high-performance AM/FM tuners to be implemented easily.

Features
• High-speed programmable frequency divider
   — FMIN: 10 to 160 MHz.....Pulse swallower
   (divide-by-two prescaler built in)
   — AMIN: 2 to 40 MHz.........Pulse swallower
   0.5 to 10 MHz......Direct division
• IF counter
   IFIN: 0.4 to 12 MHz................For use as an AM/FM IF
   counter
• Reference frequency
   — Selectable from one of eight frequencies (crystal
   oscillator: 75 kHz)
   1, 3, 5, 3.125, 6.25, 12.5, 15, and 25 kHz
• Phase comparator
   — Supports dead zone control
   — Built-in unlock detection circuit
   — Built-in deadlock clear circuit
• Built-in MOS transistor for forming an active low-pass
   filter
• I/O ports
   — Dedicated output ports: 6
   — I/O ports: 2
   — Supports clock time base output
• Serial Data I/O
   — Supports CCB format communication with the
   system controller.
• Operating ranges
   — Supply voltage: 4.5 to 5.5 V
   — Operating temperature: –20 to +70°C
• Packages
   —DIP22S/MFP24S




Similar Part No. - LC72136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72136NM SANYO-LC72136NM Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
More results


Similar Description - LC72136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
PLL Frequency Synthesizer for Electronic Tuning?
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com