Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7216M Datasheet (PDF) - Sanyo Semicon Device

LC7216M Datasheet PDF - Sanyo Semicon Device
Part # LC7216M
Download  LC7216M Download
File Size   382.6 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning?

LC7216M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7216M Datasheet PDF - Sanyo Semicon Device

Part # LC7216M
Download  LC7216M Click to download

File Size   382.6 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning?

LC7216M Datasheet (HTML) - Sanyo Semicon Device


LC7216M Product details

Overview
The LC7216M is PLL frequency synthesizers for electronic tuning. The LC7216M is optimal for AM/FM tuner circuits that require high mounting densities.

Features
• This product feature a rich set of built-in functions for AV applications, including reference frequency and unlock detection circuits, I/O ports and a generalpurpose counter.

Functions
• Programmable dividers
    — FMIN pin: 130 MHz at 70 mVrms and 160 MHz at 110 mVrms input (built-in prescaler)
    — AMIN pin: Pulse swallower and direct division techniques
• Reference frequencies: Ten selectable frequencies: 1, 5, 9, 10, 3.125, 6.25, 12.5 25, 50 and 100 kHz
• Output ports: 5 pins Complementary outputs: 2 pins N-channel open drain outputs: 3 pins
• Input ports: 2 pins
• General-purpose counter: For measuring IF and other signals (Also used for station detection when functioning as an IF counter.)
    — HCTR pin: Frequency measurement (for inputs up to 70 MHz)
    — LCTR pin: Frequency and period measurement
• PLL unlock detection circuit Detects phase differences of 0.55, 1.11, 2.22 and 3.33 µs.
• Package: MFP20




Similar Part No. - LC7216M

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC721 SEOUL-LC721 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC721 SEOUL-LC721 Datasheet
360Kb / 13P
CYAN LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC721 SEOUL-LC721 Datasheet
378Kb / 14P
RED LAMP LED
More results


Similar Description - LC7216M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com