Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72144M Datasheet (PDF) - Sanyo Semicon Device

LC72144M Datasheet PDF - Sanyo Semicon Device
Part # LC72144M
Download  LC72144M Download
File Size   308.5 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer

LC72144M Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72144M Datasheet PDF - Sanyo Semicon Device

Part # LC72144M
Download  LC72144M Click to download

File Size   308.5 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer

LC72144M Datasheet (HTML) - Sanyo Semicon Device


LC72144M Product details

Overview
The LC72144M is an electronic tuning PLL frequency synthesizer for use in car and home products, and allows high-performance multifunction tuners to be implemented easily, since it includes an A/D converter, a high-speed lockup circuit, and a crystal oscillator circuit that support AM up-conversion.

Features
• High-speed programmable dividers for
    — 10 to 160 MHz on FMIN using pulse swallower
    — 0.5 to 40.0 MHz on AMIN using pulse swallower and direct division
• General-purpose counters
    — HCTR for 0.4 to 25.0 MHz frequency measurement
    — LCTR for 10 to 500 kHz frequency measurement and 4.0 Hz to 20 × 103 Hz period measurement
• 4.5, 7.2, 10.25 or 10.35 MHz crystal
• Twelve selectable reference frequencies (1, 3*2, 5, 9*2, 10, 3.125, 6.25, 12.5, 25, 30*2, 50 and 100*1 kHz)
        Note: 1. Not supported when a 10.35 or 10.25 MHz crystal oscillator is used.
            2. Not supported when a 10.25 MHz crystal oscillator is used.
• Phase comparator
    — Insensitive band control
    — Unlock detection
    — Sub-charge pump for high-speed locking
    — Deadlock clear circuit
• A/D converter: 6 bits, 2 inputs
• Serial data input and output Supports control and communication in the CCB format
• Power-on reset circuit
• On-chip crystal oscillator output buffer
• Inputs/outputs (using six general-purpose input/output ports)
• Operating ranges
    — Power-supply voltage: 4.5 to 5.5 V
    — Operating temperature: –40 to 85°C
• Package: MFP24S




Similar Part No. - LC72144M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC72140M SANYO-LC72140M Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72146M SANYO-LC72146M Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results


Similar Description - LC72144M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com