Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72140 Datasheet (PDF) - Sanyo Semicon Device

LC72140 Datasheet PDF - Sanyo Semicon Device
Part # LC72140
Download  LC72140 Download
File Size   364.55 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers

LC72140 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72140 Datasheet PDF - Sanyo Semicon Device

Part # LC72140
Download  LC72140 Click to download

File Size   364.55 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers

LC72140 Datasheet (HTML) - Sanyo Semicon Device


LC72140 Product details

Overview
The LC72140 and LC72140M are high-performance, phase-locked loop (PLL) frequency synthesizers that operate over the VHF, MW and LW wave bands. They feature excellent frequency tracking, making them ideal as a reference frequency source for use in AM/FM radio receivers. The LC72140 and LC72140M operate from a 5V supply. The LC72140 is available in 24-pin DIPs, and the LC72140M, in 24-pin MFPs.

Features
● High-speed programmable dividers for
    • 10 to 160MHz on FMIN using pulse swallower.
    • 0.5 to 40.0MHz on AMIN using pulse swallower and direct division.
● General-purpose counters (used together with the SD in IF count mode).
    • HCTR for 0.4 to 25.0MHz frequency measurement.
    • LCTR for 10 to 500kHz frequency measurement and 1Hz to 20kHz period measurement.
● 4.5 or 7.2MHz crystal.
● Twelve selectable reference frequencies (1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 25, 30, 50 and 100kHz).
● Phase comparator.
    • Insensitive band control.
    • Unlock detection.
    • Sub-charge pump for high-speed locking.
    • Deadlock clear circuit.
● C2B input/output data interface.
● Power-ON reset circuit.
● Built-in MOS transistor for a low-pass filter.
● Inputs/outputs (using five general-purpose input/output ports).
    • Maximum of seven inputs.
    • Maximum of seven outputs (three n-channel open-drain and four CMOS outputs).
● 5V supply.
● 24-pin DIP (LC72140) and 24-pin MFP (LC72140M).




Similar Part No. - LC72140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72144M SANYO-LC72144M Datasheet
308Kb / 22P
PLL Frequency Synthesizer
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72146M SANYO-LC72146M Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
More results


Similar Description - LC72140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Analog Devices
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com