Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7219 Datasheet (PDF) - Sanyo Semicon Device

LC7219 Datasheet PDF - Sanyo Semicon Device
Part # LC7219
Download  LC7219 Download
File Size   310.06 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers?

LC7219 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7219 Datasheet PDF - Sanyo Semicon Device

Part # LC7219
Download  LC7219 Click to download

File Size   310.06 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers?

LC7219 Datasheet (HTML) - Sanyo Semicon Device


LC7219 Product details

Overview
The LC7219 and LC7219M are high-performance, phaselocked loop (PLL) frequency synthesizer ICs that operate over the AM and FM radio wavebands. They feature excellent frequency tracking, making them ideal as reference frequency sources for use in AM/FM tuners, television and audio-video equipment, and high-quality car-stereo applications.
The LC7219 and LC7219M operate from a 5 V supply and are available in 24-pin DIPs and 24-pin MFPs, respectively.
   
Features
• Programmable divider.
• General-purpose universal counter.
    (The IF signal count must be used together with the SD
    (station detect) signal from IF-IC).
• Unlock detector.
• 8 Hz real-time clock output.
• Ten selectable reference frequencies.
• 400 kHz microcontroller system-clock output.
• Swallow counter.
• Shift register.
• 5 V supply.
• 24-pin DIP and 24-pin MFP.
   




Similar Part No. - LC7219

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72191JM SANYO-LC72191JM Datasheet
194Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72191M SANYO-LC72191M Datasheet
194Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
More results


Similar Description - LC7219

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Analog Devices
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com