Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72191JM Datasheet (PDF) - Sanyo Semicon Device

LC72191JM Datasheet PDF - Sanyo Semicon Device
Part # LC72191JM
Download  LC72191JM Download
File Size   194.96 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners

LC72191JM Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72191JM Datasheet PDF - Sanyo Semicon Device

Part # LC72191JM
Download  LC72191JM Click to download

File Size   194.96 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners

LC72191JM Datasheet (HTML) - Sanyo Semicon Device


LC72191JM Product details

Overview
The LC72191, LC72191M and LC72191JM are PLL frequency synthesizers for electronic tuning. The LC72191, LC72191M and LC72191JM are optimal for AM/FM tuner circuits that require high mounting densities.

Features
Designed for use in car stereos, the LC72191 provides a rich set of reference frequencies, I/O ports, a general purpose counter, and an unlock detection circuit.

Functions
• Programmable dividers
   — FMIN pin: 130 MHz at 70 mVrms and 160 MHz at 100 mVrms input (built-in prescaler)
   — AMIN pin: Pulse swallower and direct division techniques
• Reference frequencies: Ten selectable frequencies:
   1, 5, 9, 10, 3.125, 6.25, 12.5 25, 50 and 100 kHz
• Output ports: 7 pins
   Complementary outputs: 2 pins
   N-channel open drain outputs: 5 pins
• Input ports: 2 pins
• General-purpose counter: For measuring IF and other signals (Also used for station detection when functioning as an IF counter.)
   — HCTR pin: Frequency measurement (for inputs up to 70 MHz)
   — LCTR pin: Frequency and period measurement
• PLL unlock detection circuit
   Detects phase differences of 0.55, 1.11, 2.22 and 3.33 µs.
• Controller clock output: 400 kHz
• Clock time base output: 8 Hz
• Serial data I/O
   — Supports CCB format communication with the system controller.
• Package:
   LC72191: DIP24S
   LC72191M: MFP24
   LC72191JM: MFP24S




Similar Part No. - LC72191JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LC7219M SANYO-LC7219M Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
More results


Similar Description - LC72191JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
PLL Frequency Synthesizer for Electronic Tuning?
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com