Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72151V Datasheet (PDF) - Sanyo Semicon Device

LC72151V Datasheet PDF - Sanyo Semicon Device
Part # LC72151V
Download  LC72151V Download
File Size   325.17 Kbytes
Page   29 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems

LC72151V Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72151V Datasheet PDF - Sanyo Semicon Device

Part # LC72151V
Download  LC72151V Click to download

File Size   325.17 Kbytes
Page   29 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems

LC72151V Datasheet (HTML) - Sanyo Semicon Device


LC72151V Product details

Overview

The LC72151V is a PLL frequency synthesizer for car audio systems. It can implement high-performance multifunction tuners such as RDS tuners and features a fast locking circuit.



Functions

• High-speed programmable divider

— FMIN: 10 to 160 MHz: Pulse swallower type

— AMIN: 2 to 40 MHz: Pulse swallower type

    0.5 to 10 MHz: Direct division type

• IF counter

— HCTR: 0.4 to 25 MHz: for FM IF count

— LCTR: 10 to 500 kHz: for AM IF count

   1.0 to 20 × 103 Hz: for frequency

   measurement

• Reference frequency

— One of 11 frequencies may be selected (when a 10.25 or 10.35 MHz crystal is used)

50, 30*, 25, 12.5, 10, 9*, 6.25, 5, 3.125, 3*, 1 kHz

Note: Cannot be used when a 10.25 MHz crystal is used

• Phase comparator

— Supports dead band control

— Built-in unlock detection circuit

— Built-in deadlock clearing circuit

• Built-in amplifier for forming an active low-pass filter

— Built-in operational amplifier for FM high-speed

locking

— Built-in MOS transistor for AM tuning

• Built-in crystal oscillator output buffer

• I/O ports — General-purpose I/O: 2 pins

— Four input ports (maximum)

— Three output ports (maximum)

• Serial data I/O

— Supports communication with the controller in the CCB format.

• Operating ranges

— Supply voltage: 4.5 to 5.5 V (VDD) 7.5 to 9.5 V (AVDD)

— Operating temperature: –40 to +85°C

• Package

— SSOP30




Similar Part No. - LC72151V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7215 SANYO-LC7215 Datasheet
73Kb / 7P
MW/LW PLL Frequency Synthesizers
LC7215F SANYO-LC7215F Datasheet
73Kb / 7P
MW/LW PLL Frequency Synthesizers
LC7215FM SANYO-LC7215FM Datasheet
73Kb / 7P
MW/LW PLL Frequency Synthesizers
More results


Similar Description - LC72151V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
PLL Frequency Synthesizer for Electronic Tuning?
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com