Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7215 Datasheet (PDF) - Sanyo Semicon Device

LC7215 Datasheet PDF - Sanyo Semicon Device
Part # LC7215
Download  LC7215 Download
File Size   73.67 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MW/LW PLL Frequency Synthesizers

LC7215 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7215 Datasheet PDF - Sanyo Semicon Device

Part # LC7215
Download  LC7215 Click to download

File Size   73.67 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MW/LW PLL Frequency Synthesizers

LC7215 Datasheet (HTML) - Sanyo Semicon Device


LC7215 Product details

Overview

The LC7215, LC7215F and LC7215FM are phase-locked-loop frequency synthesizer LSIs that provide accurate reference frequencies over the MW and LW bands, making them ideally suited for AM tuners.



Features

. PLL frequency synthesizer LSIs for MW and LW bands.

. Reference frequencies of 1, 5, 9 and 10 kHz.

. On-chip transistor for the low-pass filter amplifier.

. Single output pin (CMOS output)

. Controller clock output pin.

. Time-base output pin.

. All devices can be used for double conversion demodulation.

. The LC7215F and 7215FM have expanded input frequency

  ranges.

  LC7215 0.5 to 13 MHz : (DIP14)

  LC7215F/FM 0.5 to 20 MHz : (DIP14/MFP14S)




Similar Part No. - LC7215

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results


Similar Description - LC7215

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Analog Devices
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com