Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145151-2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC145151-2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC145151-2
Download  MC145151-2 Download
File Size   600.8 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Frequency Synthesizers (CMOS)

MC145151-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145151-2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC145151-2
Download  MC145151-2 Click to download

File Size   600.8 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Frequency Synthesizers (CMOS)

MC145151-2 Datasheet (HTML) - Freescale Semiconductor, Inc


MC145151-2 Product details

The devices described in this document are typically used as low-power, phase-locked loop frequency synthesizers. When combined with an external low-pass filter and voltage-controlled oscillator, these devices can provide all the remaining functions for a PLL frequency synthesizer operating up to the devices frequency limit. For higher VCO frequency operation, a down mixer or a prescaler can be used between the VCO and the synthesizer IC.

These frequency synthesizer chips can be found in the following and other applications:



CATV                    TV Tuning

AM/FM Radios       Scanning Receivers

Two-Way Radios     Amateur Radio



Features

• Operating Temperature Range: - 40 to 85°C

• Low Power Consumption Through Use of CMOS Technology

• 3.0 to 9.0 V Supply Range

• On- or Off-Chip Reference Oscillator Operation

• Lock Detect Signal

• ÷ N Counter Output Available

• Single Modulus/Parallel Programming

• 8 User-Selectable ÷ R Values: 8, 128, 256, 512, 1024, 2048, 2410, 8192

• ÷ N Range = 3 to 16383

• “Linearized” Digital Phase Detector Enhances Transfer Function Linearity

• Two Error Signal Options: Single-Ended (Three-State) or Double-Ended

• Chip Complexity: 8000 FETs or 2000 Equivalent Gates




Similar Part No. - MC145151-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145151-2 MOTOROLA-MC145151-2 Datasheet
718Kb / 36P
Parallel-Input PLL Frequency Synthesizer
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
MC145151-2/D NXP-MC145151-2/D Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results


Similar Description - MC145151-2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
PLL Frequency Synthesizers
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
PLL Frequency Synthesizers?
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com