Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3971 Datasheet (PDF) - Linear Technology

LT3971 Datasheet PDF - Linear Technology
Part # LT3971
Download  LT3971 Download
File Size   2646.41 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator

LT3971 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3971 Datasheet PDF - Linear Technology

Part # LT3971
Download  LT3971 Click to download

File Size   2646.41 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator

LT3971 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3971

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3971 LINER-LT3971 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
LT3971 LINER-LT3971 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
More results


Similar Description - LT3971

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
MP28115 MPS-MP28115 Datasheet
333Kb / 11P
4A, 1.5MHz Synchronous Step-Down Converter
logo
Linear Technology
LT3690 LINER-LT3690_15 Datasheet
479Kb / 30P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator with 70A Quiescent Current
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
FP6165 FEELING-FP6165 Datasheet
677Kb / 20P
1.5MHz, 3A Synchronous Step-Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
FTD6817 FS-FTD6817 Datasheet
1Mb / 16P
1.5MHz 2.0A Synchronous Step-Down Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com