Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7233N Datasheet (PDF) - Sanyo Semicon Device

LC7233N Datasheet PDF - Sanyo Semicon Device
Part # LC7233N
Download  LC7233N Download
File Size   371.09 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip PLL and Microcontroller with LCD Driver???

LC7233N Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7233N Datasheet PDF - Sanyo Semicon Device

Part # LC7233N
Download  LC7233N Click to download

File Size   371.09 Kbytes
Page   15 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip PLL and Microcontroller with LCD Driver???

LC7233N Datasheet (HTML) - Sanyo Semicon Device


LC7233N Product details

Overview
The LC7233N is a single-chip microcontroller that incorporates a 0.5 to 150 MHz phase-locked loop (PLL) and a liquid-crystal display (LCD) driver, making it ideal for digital tuners. It has a large number of input/output ports and a frequency measurement circuit.
The LC7233N features on-chip RAM and ROM, a programmable high-speed divider, a 6-bit analog-to-digital converter and a low-voltage detection reset circuit.
The LC7233N operates from a 5 V supply and is available in 64-pin QIPs.

Features
• 0.5 to 150 MHz phase-locked loop.
• LCD driver.
• 6-bit analog-to-digital converter.
• Two 8-bit PWM digital-to-analog converters.
• Two 4-bit input ports.
• Two 4-bit input/output ports.
• 6-bit keypad matrix scan output port.
• 2-bit open-drain high-voltage output port.
• 23 mask-selectable output drivers.
• 20-bit universal counter.
• 4096 × 16-bit program ROM (001H to FFFH user addressable memory).
• 256 × 4-bit data RAM.
• Low-voltage detection reset circuit.
• Programmable high-speed divider.
• Single-word instructions.
• Four-level stack.
• PLL-unlocked flip-flop.
• Timer flip-flop.
• External interrupt.
• Programmable watchdog interrupt address.
• Standby mode.
• CPU operates down to 3.5 V and retains data down to 1.3 V.
• 5 V supply.
• 64-pin QIP.




Similar Part No. - LC7233N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
Single-Chip PLL and Controller with LCD Driver???
More results


Similar Description - LC7233N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
Single-chip PLL and Microcontroller with LCD Driver
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
Single-chip PLL and Microcontroller with LCD Driver?
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322R SANYO-LC72322R Datasheet
205Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver?
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com