Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7233 Datasheet (PDF) - Sanyo Semicon Device

LC7233 Datasheet PDF - Sanyo Semicon Device
Part # LC7233
Download  LC7233 Download
File Size   362.56 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip PLL and Microcontroller with LCD Driver???

LC7233 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7233 Datasheet PDF - Sanyo Semicon Device

Part # LC7233
Download  LC7233 Click to download

File Size   362.56 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip PLL and Microcontroller with LCD Driver???

LC7233 Datasheet (HTML) - Sanyo Semicon Device


LC7233 Product details

Overview
The LC7234-8460 is a single-chip microcontroller that incorporates a phase-locked loop (PLL) and a liquid crystal display driver.
The LC7234-8460 operates over the American, European, Chinese, Middle Eastern, Canadian and Australian LW, MW, SW and FM bands, and incorporates preset-channel memory, automatic or manual tuning, high-speed station search, and clock and timer functions.
The LC7234-8460 operates from a 5 V supply and is available in 64-pin QIPs.

Features
• Operates over the LW, MW, SW1, SW2 and FM bands.
• Three selectable preset memory configurations.
• Automatic tuning or manual preset memory scan.
• High-speed station search.
    FM band: 60 ms per step.
    AM band: 70 ms per step.
• Clock function.
• ON, OFF and SLEEP timer functions.
• Logic-level and momentary switch band select inputs.
• LCD display with wide viewing angle and high contrast over a wide operating temperature range.
• On-chip amplifier for external lowpass filter.
• External RC network for reset not required.
• Forced mono mode.
• High signal-to-noise ratio.
• Single 5 V supply.
• 64-pin QIPs.




Similar Part No. - LC7233

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
LC723341E
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72338 SANYO-LC72338 Datasheet
185Kb / 16P
Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
Single-Chip PLL and Controller with LCD Driver???
More results


Similar Description - LC7233

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
Single-chip PLL and Microcontroller with LCD Driver
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
Single-chip PLL and Microcontroller with LCD Driver?
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322R SANYO-LC72322R Datasheet
205Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver?
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com