Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72336 Datasheet (PDF) - Sanyo Semicon Device

LC72336 Datasheet PDF - Sanyo Semicon Device
Part # LC72336
Download  LC72336 Download
File Size   185.98 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits

LC72336 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72336 Datasheet PDF - Sanyo Semicon Device

Part # LC72336
Download  LC72336 Click to download

File Size   185.98 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits

LC72336 Datasheet (HTML) - Sanyo Semicon Device


LC72336 Product details

Overview

The LC72336 and LC72338 are single-chip microcontrollers for use in electronic tuners. These products include on chip a PLL circuit that can operate at up to 150 MHz and 1/3 duty LCD drivers. They feature a highly efficient instruction set and powerful hardware.



Functions

• High-speed programmable divider

• Program memory (ROM)

   — LC72336: 6143 × 16 bits (12 kB)

   — LC72338: 8191 × 16 bits (16 kB)

• Data memory (RAM): 512 × 4 bits

• All instructions are one-word instructions

• Cycle time: 1.33 µs

• Stack: 8 levels

• LCD drivers: Up to 96 segments (1/3 duty, 1/3 bias)

• Serial I/O: Up to 3 channels (8-bit 3-wire type)

• External interrupts: 2 interrupts (INT0, INT1)

   Interrupt on rising or falling edge (selectable)

• Internal interrupts: 3 interrupt

   Two built-in timer interrupts and 1 serial I/O interrupt

• Nested interrupt levels: 4 levels

• D/A converter: 4 channels (8-bit PWM output)

• A/D converter: 4 channels (6-bit successive approximation)

• General-purpose ports:

   — Input ports: 8

   — Output ports: 12 (16 maximum)

   — I/O ports: 8 (20 maximum, can be switched between input and output in bit units.)

• PLL block: Supports 4 types of dead zone control, and includes a built-in unlock detection circuit.

   Supports 12 different reference frequencies.

• Universal counter: 20 bits (Can be used for either frequency or period measurement.)

• Timers: Eight types of time measurement

• Beep function: Six beep tones

• Reset: Built-in voltage detection type reset circuit

• Halt mode: Stops the controller operating clock.

• Operating supply voltage: 4.5 to 5.5 V (3.5 to 5.5 V if only the controller block operates.)



 




Similar Part No. - LC72336

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver???
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
LC723341E
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
Single-Chip PLL and Controller with LCD Driver???
More results


Similar Description - LC72336

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
Single-chip PLL and Microcontroller with LCD Driver
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver?
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com