Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72341G Datasheet (PDF) - Sanyo Semicon Device

LC72341G Datasheet PDF - Sanyo Semicon Device
Part # LC72341G
Download  LC72341G Download
File Size   195.99 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits

LC72341G Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72341G Datasheet PDF - Sanyo Semicon Device

Part # LC72341G
Download  LC72341G Click to download

File Size   195.99 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits

LC72341G Datasheet (HTML) - Sanyo Semicon Device


LC72341G Product details

Overview
The LC72341G/W, LC72342G/W, and LC72343G/W are single-chip microcontrollers with both a 1/4-duty 1/2-bias LCD driver circuit and a PLL circuit that can operate at up to 250 MHz integrated on the same chip. These ICs are ideal for use in portable audio equipment.

Functions
• High-speed programmable divider
• Program memory (ROM)
    — LC72341G/W: 2048 words × 16 bits (4KB)
    — LC72342G/W: 3072 words × 16 bits (6KB)
    — LC72343G/W: 4096 words × 16 bits (8KB)
• Data memory (RAM)
    — LC72341G/W: 128 words × 4 bits
    — LC72342G/W: 192 words × 4 bits
    — LC72343G/W: 256 words × 4 bits
• Instruction cycle time
    — 40 µs (for all single-word instructions.)
• Stack
    — 4 levels (LC72341G/W)
    — 8 levels (LC72342G/W, and LC72343G/W)
• LCD driver
    — 48 to 80 segments (1/4-duty 1/2-bias drive)
• Timer interrupts
    — One timer circuit providing intervals of 1, 5, 10, and 50 ms.
• External interrupts
    — One external interrupt (INT)
• A/D converter
    — Two channels (5-bit successive approximation)
• Input ports
    — 7 (Of which two can be switched to function as A/D converter inputs)
• Output ports
    — 6 (Of which one can be switched to function as the BEEP tone output. Two ports are open-drain ports.)
• I/O ports
    — 16 (Of which 8 can be selected to function as LCD ports as mask options.)
• PLL circuit
    — Two types of dead band control are supported, and an unlock detection circuit is included.
        Reference frequencies of 1, 3, 5, 6.25, 12.5, and 25 kHz can be provided.
• Input frequency range
    — FM band: 10 to 130 MHz 130 to 250 MHz
    — AM band: 0.5 to 15 MHz




Similar Part No. - LC72341G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
Single-Chip PLL and Microcontroller with LCD Driver???
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345 SANYO-LC72345 Datasheet
90Kb / 13P
Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345W SANYO-LC72345W Datasheet
90Kb / 13P
Low-Voltage ETR Controller with On-Chip DC-DC Converter
More results


Similar Description - LC72341G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
Single-chip PLL and Microcontroller with LCD Driver
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver?
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
Single-Chip PLL and Microcontroller with LCD Driver???
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
Single-Chip PLL and Microcontroller with LCD Driver???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com