Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7265 Datasheet (PDF) - Sanyo Semicon Device

LC7265 Datasheet PDF - Sanyo Semicon Device
Part # LC7265
Download  LC7265 Download
File Size   128.1 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Received Frequency Display for Radio Receivers

LC7265 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7265 Datasheet PDF - Sanyo Semicon Device

Part # LC7265
Download  LC7265 Click to download

File Size   128.1 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Received Frequency Display for Radio Receivers

LC7265 Datasheet (HTML) - Sanyo Semicon Device


LC7265 Product details

Features
• Displays received frequency of each band of FM, MW, LW
   (LED static display).
• Counts local oscillation frequency and displays received
   frequency.
• Number of display digits : FM-5 digits, MW-4 digits, LW-3
   digits.
   •Covers intermediate frequencies shown below.
   FM : +10.700, +10.725, +10.750, +10.675 MHz
           –10.700, –10.725, –10.675, –10.650 MHz
   MW, LW : +450 kHz : 10 kHz step display
                    +450 kHz : 1 kHz step display
                    +455 kHz : 1 kHz step display
                    +469 kHz : 1 kHz step display
• Contains blanking circuit to turn off display.
• Contains hold circuit to hold display contents.
• Uses crystal resonator having 7.2 MHz reference frequency.
• Uses LB3500 (÷8 prescaler) jointly at the time of FM
   reception.
• Supply voltage VDD : 4.5 V to 10 V




Similar Part No. - LC7265

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7267 SANYO-LC7267 Datasheet
145Kb / 10P
Digital Display of Clock/Receiving Frequency for Radio Set Applications
More results


Similar Description - LC7265

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
Integrated FM tuner for radio receivers
February 1985
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
Integrated FM tuner for radio receivers
August 1990
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
IF amplifier/demodulator for FM radio receivers
April 1991
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
IF amplifier/demodulator for FM radio receivers
May 1994
logo
List of Unclassifed Man...
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
AM RADIO RECEIVERS
TDA1701 ETC1-TDA1701 Datasheet
165Kb / 1P
INTEGRATED CIRCUITS FOR TV AND RADIO RECEIVERS
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
Integrated FM Tuner for Radio Receivers
logo
Hittite Microwave Corpo...
HMC1190LP6GE HITTITE-HMC1190LP6GE Datasheet
2Mb / 44P
Wideband Radio Receivers
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com