Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC7267 Datasheet (PDF) - Sanyo Semicon Device

LC7267 Datasheet PDF - Sanyo Semicon Device
Part # LC7267
Download  LC7267 Download
File Size   145.23 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Display of Clock/Receiving Frequency for Radio Set Applications

LC7267 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7267 Datasheet PDF - Sanyo Semicon Device

Part # LC7267
Download  LC7267 Click to download

File Size   145.23 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Display of Clock/Receiving Frequency for Radio Set Applications

LC7267 Datasheet (HTML) - Sanyo Semicon Device


LC7267 Product details

Functions
• Capable of selecting receiving frequency display/time display.
• Display of receiving frequency at each band of FM/MW/LW
    Display element: LED
    Static/dynamic: Static
    Withstand voltage at output pin: 15 V
    Maximum current: 18 mA (VDD = 6.0 to 10.0 V)
• Number of display digits: FM: 5 digits, MW, LW: 4 digits
• Covers intermediate frequencies shown below.
    FM: +10.700, +10.725, +10.750, +10.675 MHz –10.700, –10.725, –10.675, –10.650 MHz
    MW, LW: +450 kHz (1) : 10 kHz-step display +450 kHz (2) : 1 kHz-step display +455 kHz : 1 kHz-step display +469 kHz : 1 kHz-step display
• In FM reception applications, the LB3500 (÷8 prescaler) is used jointly.
• Two selections of display system (12-hour system with PM sign, 24-hour system).
• Easy to set time by the time signal.
• Inhibit pin for inhibiting time setting with display unlighted.
• 7.2 MHz crystal oscillator for reference frequency.
• Supply voltage VDD: 4.5 to 10.0 V.




Similar Part No. - LC7267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7265 SANYO-LC7265 Datasheet
128Kb / 6P
Received Frequency Display for Radio Receivers
More results


Similar Description - LC7267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7265 SANYO-LC7265 Datasheet
128Kb / 6P
Received Frequency Display for Radio Receivers
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Texas Instruments
TMS3450NL TI-TMS3450NL Datasheet
272Kb / 11P
LED DUPLEX DIGITAL RADIO CLOCK
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Silan Microelectronics ...
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
Principles, Applications and Selection of Receiving Diodes
logo
Toshiba Semiconductor
TD6301AP TOSHIBA-TD6301AP Datasheet
358Kb / 14P
STATIC DRIVER FOR LED/LCD RECEIVING FREQUENCY DISPLAY
1989-04-25
logo
Fairchild Semiconductor
3817A FAIRCHILD-3817A Datasheet
272Kb / 4P
DIGITAL CLOCK RADIO OR DIGITAL ALARM CLOCK
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com