Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72710W Datasheet (PDF) - Sanyo Semicon Device

LC72710W Datasheet PDF - Sanyo Semicon Device
Part # LC72710W
Download  LC72710W Download
File Size   168.09 Kbytes
Page   33 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder

LC72710W Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72710W Datasheet PDF - Sanyo Semicon Device

Part # LC72710W
Download  LC72710W Click to download

File Size   168.09 Kbytes
Page   33 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder

LC72710W Datasheet (HTML) - Sanyo Semicon Device


LC72710W Product details

Overview

The LC72710W and LC72710LW are data demodulator ICs for receiving FM multiplex broadcasts for mobile reception in the DARC format. This IC includes an on chip bandpass filter for extracting the DARC signal from the FM baseband signal. It also integrates a decoder circuit that performs the VICS data processing on the same chip and can implement a compact, multifunction VICS reception system. The LC72710W and LC72710LW support both parallel and CCB serial CPU interfaces, and integrate the circuits required for simultaneous reception of both VICS data and dGPS service data. Note that a contract with VICS Center is required to evaluate this sample IC and to produce end products that support VICS.



Functions

• Adjustment-free 76 kHz SCF bandpass filter

• Built-in VICS decoder

• MSK delay detection system based on a 1T delay.

• Error correction function based on a 2T delay (in the MSK detection stage)

• Digital PLL based clock regeneration function

• Shift-register 1T and 2T delay circuits

• Block and frame synchronization detection circuits

• Functions for setting the number of allowable BIC errors and the number of synchronization protection operations.

• Error correction using (272, 190) codes

• Built-in layer 4 CRC code checking circuit

• On-chip frame memory and memory control circuit for vertical correction

• 7.2 MHz crystal oscillator circuit

• Two power saving modes: STNBY and EC_STOP

• Dedicated frame synchronization circuit for simultaneous reception of dGPS and VICS data

• Applications can use either a parallel CPU interface (DMA) or a CCB serial interface.

• Supply voltage: 4.5 to 5.5 V (LC72710W), 2.7 to 3.6 V (LC72710LW)




Similar Part No. - LC72710W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711W SANYO-LC72711W Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results


Similar Description - LC72710W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
FM Multiplex Receiver IC for VICS Systems
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
Mobile FM Multiplex Broadcast DARC Receiver IC
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com