Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72711W Datasheet (PDF) - Sanyo Semicon Device

LC72711W Datasheet PDF - Sanyo Semicon Device
Part # LC72711W
Download  LC72711W Download
File Size   155.19 Kbytes
Page   29 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mobile FM Multiplex Broadcast DARC Receiver IC

LC72711W Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72711W Datasheet PDF - Sanyo Semicon Device

Part # LC72711W
Download  LC72711W Click to download

File Size   155.19 Kbytes
Page   29 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Mobile FM Multiplex Broadcast DARC Receiver IC

LC72711W Datasheet (HTML) - Sanyo Semicon Device


LC72711W Product details

Overview
The LC72711W and LC72711LW are data demodulator ICs for receiving FM multiplex broadcasts for mobile reception in the DARC format. This IC includes an onchip bandpass filter for extracting the DARC signal from the FM baseband signal. Furthermore, since this IC supports all of the IT-R recommended FM multiplex frame structures (methods A, A’, B, and C), it is optimal for worldwide market radios that provide FM multiplex reception. The LC72711W and LC72711LW support both parallel and CCB serial CPU interfaces.

Functions
• Adjustment-free 76kHz SCF bandpass filter
• Supports all FM multiplex frame structures (methods A, A’, B, and C) under CPU control.
• MSK delay detection system based on a 1T delay.
• Error correction function based on a 2T delay (in the MSK detection stage)
• Digital PLL based clock regeneration function
• Shift-register 1T and 2T delay circuits
• Block and frame synchronization detection circuits
• Functions for setting the number of allowable BIC errors and the number of synchronization protection operations.
• Error correction using (272, 190) codes
• Built-in layer 4 CRC code checking circuit
• On-chip frame memory and memory control circuit for vertical correction
• 7.2MHz crystal oscillator circuit
• Two power saving modes: STNBY and EC STOP
• Applications can use either a parallel CPU interface (DMA) or a CCB serial interface.
• Supply voltage: 4.5 to 5.5V (LC72711W), 2.7 to 3.6V (LC72711LW)




Similar Part No. - LC72711W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results


Similar Description - LC72711W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
logo
Sanyo Semicon Device
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com