Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT790AK Datasheet (PDF) - Diodes Incorporated

ZXT790AK Datasheet PDF - Diodes Incorporated
Part # ZXT790AK
Download  ZXT790AK Download
File Size   233.74 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK

ZXT790AK Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT790AK Datasheet PDF - Diodes Incorporated

Part # ZXT790AK
Download  ZXT790AK Click to download

File Size   233.74 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK

ZXT790AK Datasheet (HTML) - Diodes Incorporated


ZXT790AK Product details

SUMMARY

BVCEO = -40V : RSAT = 83m ; IC = -3A



DESCRIPTION

Packaged in the D-Pak outline this high gain 40V PNP transistor offers low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.



FEATURES

• 3 Amps continuous current

• Up to 6 Amps peak current

• Low saturation voltages

• High gain



APPLICATIONS

• DC - DC Converters

• MOSFET gate drivers

• Charging circuits

• Power switches

• Siren drivers



 




Similar Part No. - ZXT790AK

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT790AK ZETEX-ZXT790AK Datasheet
222Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT790AK DIODES-ZXT790AK Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXT790AKTC ZETEX-ZXT790AKTC Datasheet
222Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT790AKTC DIODES-ZXT790AKTC Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXT790AK DIODES-ZXT790AK_15 Datasheet
233Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
JUNE 2003
More results


Similar Description - ZXT790AK

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T3Z ZETEX-ZX5T3Z Datasheet
118Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXT790AK ZETEX-ZXT790AK Datasheet
222Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
FZT1051 DIODES-FZT1051 Datasheet
817Kb / 7P
40V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 6
ZX5T3Z DIODES-ZX5T3Z_15 Datasheet
193Kb / 7P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
ZXT790AK DIODES-ZXT790AK_15 Datasheet
233Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
JUNE 2003
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com