Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC6717MC Datasheet (PDF) - Diodes Incorporated

ZXTC6717MC Datasheet PDF - Diodes Incorporated
Part # ZXTC6717MC
Download  ZXTC6717MC Download
File Size   231.8 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTC6717MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTC6717MC Datasheet PDF - Diodes Incorporated

Part # ZXTC6717MC
Download  ZXTC6717MC Click to download

File Size   231.8 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTC6717MC Datasheet (HTML) - Diodes Incorporated


ZXTC6717MC Product details

Features
NPN Transistor
   • BVCEO > 15V
   • IC = 4.5A Continuous Collector Current
   • Low Saturation Voltage (100mV max @ 1A)
   • RSAT = 45mΩ for a low equivalent On-Resistance
PNP Transistor
   • BVCEO > -12V
   • IC = -4A Continuous Collector Current
   • Low Saturation Voltage (-140mV max @ -1A)
   • RSAT = 60mΩ for a low equivalent On-Resistance
• hFE characterized up to 12A for high current gain hold up
• Low profile 0.8mm high package for thin applications
• RθJA efficient, 40% lower than SOT26
• 6mm2 footprint, 50% smaller than TSOP6 and SOT26
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• DC – DC Converters
• Charging circuits
• Power switches
• Motor control
• LED Backlighting circuits
• Portable applications




Similar Part No. - ZXTC6717MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
Rev 4
More results


Similar Description - ZXTC6717MC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
15V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
Rev 4
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
Rev 4
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com