Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTDA1M832 Datasheet (PDF) - Diodes Incorporated

ZXTDA1M832 Datasheet PDF - Diodes Incorporated
Part # ZXTDA1M832
Download  ZXTDA1M832 Download
File Size   484.93 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTDA1M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTDA1M832 Datasheet PDF - Diodes Incorporated

Part # ZXTDA1M832
Download  ZXTDA1M832 Click to download

File Size   484.93 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTDA1M832 Datasheet (HTML) - Diodes Incorporated


ZXTDA1M832 Product details

DESCRIPTIO
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package), these low saturation NPN / PNP combination dual transistors offer lower on state losses making them ideal for use in DC-DC circuits and various driving and power-management functions.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mV max @1A--NPN)
• HFE specified up to 12A
• IC = 4.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control
• LED Backlighting circuits




Similar Part No. - ZXTDA1M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDA1M832TA ZETEX-ZXTDA1M832TA Datasheet
266Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDA1M832TC ZETEX-ZXTDA1M832TC Datasheet
266Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Similar Description - ZXTDA1M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC Datasheet
231Kb / 9P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
15V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
Rev 4
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
Rev 4
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com