Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2630 Datasheet (PDF) - Linear Technology

LTC2630 Datasheet PDF - Linear Technology
Part # LTC2630
Download  LTC2630 Download
File Size   415.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR

LTC2630 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2630 Datasheet PDF - Linear Technology

Part # LTC2630
Download  LTC2630 Click to download

File Size   415.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR

LTC2630 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
346Kb / 20P
Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2630 LINER-LTC2630 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2630 LINER-LTC2630 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results


Similar Description - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com