Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2630 Datasheet (PDF) - Linear Technology

LTC2630 Datasheet PDF - Linear Technology
Part # LTC2630
Download  LTC2630 Download
File Size   416.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR

LTC2630 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2630 Datasheet PDF - Linear Technology

Part # LTC2630
Download  LTC2630 Click to download

File Size   416.14 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR

LTC2630 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
346Kb / 20P
Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2630 LINER-LTC2630 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2630 LINER-LTC2630 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results


Similar Description - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com