Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72720 Datasheet (PDF) - Sanyo Semicon Device

LC72720 Datasheet PDF - Sanyo Semicon Device
Part # LC72720
Download  LC72720 Download
File Size   235.27 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip RDS Signal-Processing System LSI

LC72720 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72720 Datasheet PDF - Sanyo Semicon Device

Part # LC72720
Download  LC72720 Click to download

File Size   235.27 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Chip RDS Signal-Processing System LSI

LC72720 Datasheet (HTML) - Sanyo Semicon Device


LC72720 Product details

Overview

The LC72720 and LC72720M are single-chip system LSIs that implement the signal processing required by the European Broadcasting Union RDS (Radio Data System) standard and by the US NRSC (National Radio System Committee) RDBS (Radio Broadcast Data System) standard. These LSIs include band-pass filter, demodulator, synchronization, and error correction circuits as well as data buffer RAM on chip and perform effective error correction using a soft-decision error correction technique.



Features

• Error correction capability improved by soft-decision error correction

• The load on the control microprocessor can be reduced by storing decoded data in the on-chip data buffer RAM.

• Two synchronization detection circuits provide continuous and stable detection of the synchronization timing.

• Data can be read out starting with the backward protection block data after a synchronization reset.

• Fully adjustment free

• Operating power-supply voltage: 4.5 to 5.5 V

• Operating temperature: –40 to +85°C

• Package: DIP24S, MFP24




Similar Part No. - LC72720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
Single-Chip RDS Signal-Processing System IC
More results


Similar Description - LC72720

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
Single-Chip RDS Signal-Processing System LSI
72720YV SANYO-72720YV Datasheet
222Kb / 14P
Single-Chip RDS Signal-Processing System IC
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
Audio Processing System LSI
May 2015 - Rev. 1
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com