Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN07012EFFTA Datasheet (PDF) - Diodes Incorporated

ZXTN07012EFFTA Datasheet PDF - Diodes Incorporated
Part # ZXTN07012EFFTA
Download  ZXTN07012EFFTA Download
File Size   458.28 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V, SOT23F, NPN high gain power transistor

ZXTN07012EFFTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN07012EFFTA Datasheet PDF - Diodes Incorporated

Part # ZXTN07012EFFTA
Download  ZXTN07012EFFTA Click to download

File Size   458.28 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V, SOT23F, NPN high gain power transistor

ZXTN07012EFFTA Datasheet (HTML) - Diodes Incorporated


ZXTN07012EFFTA Product details

Description
This low voltage NPN transistor has been designed for applications requiring high gain and very low saturation voltage. The SOT23F package is pin compatible with the industry standard SOT23 footprint but offers lower profile and higher dissipation for applications where power density is of utmost importance.

Features
• BVCEO > 12V
• BVECO > 3V
• IC = 4.5A Continuous Collector Current
• Low Saturation Voltage VCE(sat) < 70mV @ 1A
• RCE(sat) = 43mΩ
• 1.5W Power Dissipation
• Complementary PNP Type: ZXTP07012EFF
• Totally Lead-Free & Fully RoHS Compliant (Note 1&2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• LED Driver
• Boost Converters
• Logic Interface
• Motor Drive




Similar Part No. - ZXTN07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07012EFFTA ZETEX-ZXTN07012EFFTA Datasheet
446Kb / 6P
12V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07012EFFTA DIODES-ZXTN07012EFFTA Datasheet
372Kb / 7P
12V NPN HIGH GAIN POWER TRANSISTOR
Rev 2
More results


Similar Description - ZXTN07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07012EFF ZETEX-ZXTN07012EFF Datasheet
446Kb / 6P
12V, SOT23F, NPN high gain power transistor
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
45V, SOT23F, NPN high gain power transistor
ZXTN19020CFF ZETEX-ZXTN19020CFF Datasheet
454Kb / 8P
20V, SOT23F, NPN high gain power transistor
ZXTN19020DFF ZETEX-ZXTN19020DFF Datasheet
462Kb / 8P
20V, SOT23F, NPN high gain power transistor
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
60V, SOT23F, NPN high gain power transistor
ZXTN19100CFF ZETEX-ZXTN19100CFF Datasheet
455Kb / 8P
100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
45V, SOT23F, NPN high gain power transistor
JUNE 2007
ZXTN19020CFF DIODES-ZXTN19020CFF Datasheet
467Kb / 8P
20V, SOT23F, NPN high gain power transistor
FEBRUARY 2007
ZXTN19020DFF DIODES-ZXTN19020DFF Datasheet
459Kb / 8P
20V, SOT23F, NPN high gain power transistor
FEBRUARY 2007
ZXTN19100CFF DIODES-ZXTN19100CFF Datasheet
467Kb / 8P
100V, SOT23F, NPN high gain power transistor
JANUARY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com