Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN19055DZ Datasheet (PDF) - Diodes Incorporated

ZXTN19055DZ Datasheet PDF - Diodes Incorporated
Part # ZXTN19055DZ
Download  ZXTN19055DZ Download
File Size   396.32 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V, SOT89, NPN medium power transistor

ZXTN19055DZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN19055DZ Datasheet PDF - Diodes Incorporated

Part # ZXTN19055DZ
Download  ZXTN19055DZ Click to download

File Size   396.32 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 55V, SOT89, NPN medium power transistor

ZXTN19055DZ Datasheet (HTML) - Diodes Incorporated


ZXTN19055DZ Product details

Features
• BVCEO > 55V
• IC = 6.0A High Continuous Current
• Low Saturation Voltage VCE(sat) < 40mV @ 500mA
• Rsat = 28mΩ for a Low Equivalent On-Resistance
• PD = 2.1W Power Dissipation
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC modules
• Backlight inverters




Similar Part No. - ZXTN19055DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19055DZ ZETEX-ZXTN19055DZ Datasheet
402Kb / 6P
55V, NPN medium power transistor
ZXTN19055DZTA ZETEX-ZXTN19055DZTA Datasheet
402Kb / 6P
55V, NPN medium power transistor
More results


Similar Description - ZXTN19055DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19055DZ ZETEX-ZXTN19055DZ Datasheet
402Kb / 6P
55V, NPN medium power transistor
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
40V, SOT89, NPN medium power transistor
FCX1053A ZETEX-FCX1053A_06 Datasheet
419Kb / 6P
SOT89 NPN medium power transistor
logo
Diodes Incorporated
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
SOT89 NPN medium power transistor
JULY 2007
FCX1053A DIODES-FCX1053A Datasheet
427Kb / 6P
SOT89 NPN medium power transistor
July 2006
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
40V, SOT89, NPN medium power transistor
JANUARY 2007
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
60V, SOT89, NPN medium power transistor
JANUARY 2007
FCX1051A DIODES-FCX1051A_15 Datasheet
336Kb / 6P
SOT89 NPN medium power transistor
JULY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com