Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25060BZ Datasheet (PDF) - Diodes Incorporated

ZXTN25060BZ Datasheet PDF - Diodes Incorporated
Part # ZXTN25060BZ
Download  ZXTN25060BZ Download
File Size   780.99 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V, SOT89, NPN medium power transistor

ZXTN25060BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25060BZ Datasheet PDF - Diodes Incorporated

Part # ZXTN25060BZ
Download  ZXTN25060BZ Click to download

File Size   780.99 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V, SOT89, NPN medium power transistor

ZXTN25060BZ Datasheet (HTML) - Diodes Incorporated


ZXTN25060BZ Product details

Features
• BVCEO > 60V
• IC = 5A Continuous Collector Current
• Low Saturation Voltage VCE(sat) < 70mV @ 1A
• Rsat = 48mΩ for a Low Equivalent On-Resistance
• PD = 2.4W Power Dissipation
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified
   facilities), please contact us or your local Diodes
   representative.
   https://www.diodes.com/quality/product-definitions/

Applications
• Emergency Lighting Circuits
• Motor Driving (including DC fans)
• Solenoid, Relay and Actuator Drivers
• DC-DC Modules
• Backlight inverters
• Power Switches
• MOSFET Gate Drivers




Similar Part No. - ZXTN25060BZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25060BZQ DIODES-ZXTN25060BZQ Datasheet
549Kb / 8P
60V NPN MEDIUM POWER TRANSISTOR
Rev erse
ZXTN25060BZQTA DIODES-ZXTN25060BZQTA Datasheet
549Kb / 8P
60V NPN MEDIUM POWER TRANSISTOR
Rev erse
logo
Zetex Semiconductors
ZXTN25060BZTA ZETEX-ZXTN25060BZTA Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
More results


Similar Description - ZXTN25060BZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
SOT89 NPN medium power transistor
JULY 2007
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com