Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX493A Datasheet (PDF) - Diodes Incorporated

FCX493A Datasheet PDF - Diodes Incorporated
Part # FCX493A
Download  FCX493A Download
File Size   296.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89

FCX493A Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX493A Datasheet PDF - Diodes Incorporated

Part # FCX493A
Download  FCX493A Click to download

File Size   296.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89

FCX493A Datasheet (HTML) - Diodes Incorporated


FCX493A Product details

Features
• BVCEO > 60V
• IC = 1A high Continuous Collector Current
• ICM = 2A Peak Pulse Current
• High Gain device > 500 at IC =150mA
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Voltage Regulator Transistors
• Startup Switches
• Darlington Replacement
• DC Fans
• Relays and Solenoid Driving




Similar Part No. - FCX493A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - FCX493A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
60V, SOT89, NPN medium power transistor
JANUARY 2007
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 1
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com