Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN19100CZ Datasheet (PDF) - Diodes Incorporated

ZXTN19100CZ Datasheet PDF - Diodes Incorporated
Part # ZXTN19100CZ
Download  ZXTN19100CZ Download
File Size   459.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN medium power transistor in SOT89

ZXTN19100CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN19100CZ Datasheet PDF - Diodes Incorporated

Part # ZXTN19100CZ
Download  ZXTN19100CZ Click to download

File Size   459.3 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN medium power transistor in SOT89

ZXTN19100CZ Datasheet (HTML) - Diodes Incorporated


ZXTN19100CZ Product details

Features
• BVCEO > 100V
• IC = 5.25A High Continuous Current
• Low Saturation Voltage VCE(sat) < 65mV @ 1A
• Rsat = 44mΩ for a Low Equivalent On-Resistance
• Complementary part number: ZXTP19100CZ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• PSU start up switch
• Motor drive
• Lamp, relay and solenoid switches




Similar Part No. - ZXTN19100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19100CFF ZETEX-ZXTN19100CFF Datasheet
455Kb / 8P
100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19100CFF DIODES-ZXTN19100CFF Datasheet
467Kb / 8P
100V, SOT23F, NPN high gain power transistor
JANUARY 2007
logo
Zetex Semiconductors
ZXTN19100CFFTA ZETEX-ZXTN19100CFFTA Datasheet
455Kb / 8P
100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19100CFFTA DIODES-ZXTN19100CFFTA Datasheet
467Kb / 8P
100V, SOT23F, NPN high gain power transistor
JANUARY 2007
ZXTN19100CFFTA DIODES-ZXTN19100CFFTA Datasheet
341Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
More results


Similar Description - ZXTN19100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25100CZ DIODES-ZXTP25100CZ Datasheet
404Kb / 8P
100V PNP medium power transistor in SOT89
DECEMBER 2007
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX493 DIODES-FCX493_15 Datasheet
290Kb / 6P
100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com