Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25100CZ Datasheet (PDF) - Diodes Incorporated

ZXTP25100CZ Datasheet PDF - Diodes Incorporated
Part # ZXTP25100CZ
Download  ZXTP25100CZ Download
File Size   404.75 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP medium power transistor in SOT89

ZXTP25100CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP25100CZ Datasheet PDF - Diodes Incorporated

Part # ZXTP25100CZ
Download  ZXTP25100CZ Click to download

File Size   404.75 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP medium power transistor in SOT89

ZXTP25100CZ Datasheet (HTML) - Diodes Incorporated


ZXTP25100CZ Product details

Features
• BVCEO > -100V
• BVECO > -7V
• IC = -1A Continuous Collector Current
• ICM = -3A Peak Collector Current
• VCE(SAT) < -225mV @ -1A
• RCE(SAT) = 155mΩ for a Low Equivalent On-Resistance
• Complementary NPN Type: ZXTN25100DZ
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTP25100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25100CZ ZETEX-ZXTP25100CZ Datasheet
398Kb / 8P
100V PNP medium power transistor
ZXTP25100CZTA ZETEX-ZXTP25100CZTA Datasheet
398Kb / 8P
100V PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100CZTA DIODES-ZXTP25100CZTA Datasheet
415Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
ZXTP25100CZ DIODES-ZXTP25100CZ_16 Datasheet
415Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - ZXTP25100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
100V NPN medium power transistor in SOT89
FEBRUARY 2008
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com