Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25100CZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP25100CZ
Description  100V PNP medium power transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25100CZ Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP25100CZ Datasheet HTML 1Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 2Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 3Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 4Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 5Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 6Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 7Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1- December 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP25100CZ
100V PNP medium power transistor in SOT89
Summary
BVCEO > -100V
BVECO > -7V
IC(cont) = 1A
VCE(sat) < -225mV @ 1A
RCE(sat) = 155m
PD = 2.4W
Complementary part number ZXTN25100DZ
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it
ideally suited to applications where space is at a premium.
Features
•
High power dissipation SOT89 package
•
High peak current
•
Low saturation voltage
•
7V reverse blocking
Applications
•
Motor drive
•
High side driver
•
Load disconnect switch
Ordering information
Device marking
•IL7
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP25100CZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTP25100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25100CZ ZETEX-ZXTP25100CZ Datasheet
398Kb / 8P
100V PNP medium power transistor
ZXTP25100CZTA ZETEX-ZXTP25100CZTA Datasheet
398Kb / 8P
100V PNP medium power transistor
logo
Diodes Incorporated
ZXTP25100CZTA DIODES-ZXTP25100CZTA Datasheet
415Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
ZXTP25100CZ DIODES-ZXTP25100CZ_16 Datasheet
415Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results

Similar Description - ZXTP25100CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
100V NPN medium power transistor in SOT89
FEBRUARY 2008
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
BCX5316Q DIODES-BCX5316Q_15 Datasheet
363Kb / 7P
80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19100CZ DIODES-ZXTP19100CZ_15 Datasheet
464Kb / 8P
100V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com