Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP25100CZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP25100CZ
Description  100V PNP medium power transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25100CZ Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP25100CZ Datasheet HTML 1Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 2Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 3Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 4Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 5Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 6Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 7Page - Diodes Incorporated ZXTP25100CZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTP25100CZ
Issue 1- December 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-Base breakdown
voltage
BVCBO
-115
-180
V
IC = -100μA
Collector-Emitter
breakdown voltage
(base open)
BVCEO
-100
-140
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%.
Emitter-Base breakdown
voltage
BVEBO
-7
-8.4
V
IE= -100μA
Emitter-Collector
breakdown voltage
(reverse blocking)
BVECX
-7
-8.3
V
IE = -100μA, RBC < 1kΩ or -
0.25V > VBC > 0.25V
Emitter-Collector
breakdown voltage (base
open)
BVECO
-7
-8.8
V
IE = -100μA
Collector-Base cut-off
current
ICBO
<-1
-50
-0.5
nA
μA
VCB =-115V
VCB =-115V, Tamb=100°C
Collector-Emitter cut-off
current
ICEX
-100
nA
VCE = -90V, RBE < 1kΩ or -
0.25V < VBE < 1V
Emitter-Base cut-off
current
IEBO
<-1
-50
nA
VEB = -5.6V
Collector-Emitter
saturation voltage
VCE(sat)
-140
-80
-180
-155
-210
-115
-315
-225
mV
mV
mV
mV
IC = -100mA, IB = -1 mA(*)
IC = -500mA, IB = -50mA(*)
IC = -500mA, IB = -20mA(*)
IC = -1A, IB = -100mA(*)
Base-Emitter saturation
voltage
VBE(sat)
-860
-950
mV
IC = -1A, IB = -100mA(*)
Base-Eitter turn-on
voltage
VBE(on)
-800
-900
mV
IC =-1A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
200
180
110
20
350
320
190
35
500
IC = -10mA, VCE = -2V(*)
IC = -100mA, VCE = -2V(*)
IC = -500mA, VCE = -2V(*)
IC = -1A, VCE = -2V(*)
Transition frequency
fT
180
MHz
IC = -20mA, VCE = -15V
f = 100MHz
Input capacitance
Cibo
153
pF
VEB = -0.5V, f = 1MHz(*)
Output capacitance
Cobo
14.1
20
pF
VCB = 10V, f = 1MHz(*)
Delay time
td
15.8
ns
Vcc = -10V, Ic = -500mA
IB1 = -IB2 = -50mA
Rise time
tr
41
ns
Storage time
ts
411
ns
Fall time
tf
89
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com