Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN25012EFL Datasheet (PDF) - Diodes Incorporated

ZXTN25012EFL Datasheet PDF - Diodes Incorporated
Part # ZXTN25012EFL
Download  ZXTN25012EFL Download
File Size   488.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V, SOT23, NPN low power transistor

ZXTN25012EFL Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25012EFL Datasheet PDF - Diodes Incorporated

Part # ZXTN25012EFL
Download  ZXTN25012EFL Click to download

File Size   488.73 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V, SOT23, NPN low power transistor

ZXTN25012EFL Datasheet (HTML) - Diodes Incorporated


ZXTN25012EFL Product details

Description
Advanced process capability has been used to achieve high current gain hold up making this device ideal for applications requiring high pulse currents.

Features
• High peak current
• Low saturation voltage
• 6V reverse blocking voltage

Applications
• MOSFET and IGBT gate driving
• DC-DC conversion
• LED driving
• Interface between low voltage ICs and load




Similar Part No. - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFL ZETEX-ZXTN25012EFL Datasheet
476Kb / 8P
12V, SOT23, NPN low power transistor
ZXTN25012EFLTA ZETEX-ZXTN25012EFLTA Datasheet
476Kb / 8P
12V, SOT23, NPN low power transistor
More results


Similar Description - ZXTN25012EFL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
12V, SOT23, NPN medium power transistor
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
12V, SOT23, PNP medium power transistor
ZXTN25012EFL ZETEX-ZXTN25012EFL Datasheet
476Kb / 8P
12V, SOT23, NPN low power transistor
ZXTN25020DFL ZETEX-ZXTN25020DFL Datasheet
416Kb / 8P
20V, SOT23, NPN low power transistor
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
40V, SOT23, NPN low power transistor
logo
Diodes Incorporated
ZXTN25012EFH DIODES-ZXTN25012EFH Datasheet
387Kb / 6P
12V, SOT23, NPN medium power transistor
MARCH 2008
ZXTN25020DFL DIODES-ZXTN25020DFL Datasheet
428Kb / 8P
20V, SOT23, NPN low power transistor
JANUARY 2007
ZXTN25040DFL DIODES-ZXTN25040DFL Datasheet
446Kb / 8P
40V, SOT23, NPN low power transistor
MARCH 2008
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
12V, SOT23, PNP medium power transistor
OCTOBER 2007
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com